Part Number Hot Search : 
V6170 L7805 1N3025A 2N2907 R5F213 LRTBGFTG A1000 0001TR
Product Description
Full Text Search
 

To Download 9200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches (millimeters) 9200 series surface mount reed relays ideally suited to the needs of automated test equipment, instrumentation and tele - communications requirements, cotos 9200 series specifcation tables allow you to select the appropriate relay for your particular application. if your requirements difer, please consult your local representative or cotos factory to discuss a custom design. 9200 series features u high insulation resistance - 10 12 minimum (10 13 ty pic a l) u high reliability, hermetically sealed contacts for long life u molded thermoset body on integral lead frame design u high speed switching compared to electromechanical relays u tape & reel available u ul file #e67117 - contact factory for details u rohs compliant 9200 series u low profle - .190 height. meets high board density requirements u 50 coaxial shield for rf and fast rise time pulse switching 9290 series u low profle - .193 (4.9mm) max height u minimum footprint .140 sq. (3.5mm sq.) u 50 co-axial shield for rf and fast rise time pulse switching u external magnetic shield 9200 series/surface mount reed relays ordering information part number model number 9201 9202 9290 coil voltage 05=5 volts 12=12 volts lead style 00 = gull wing 20 = j- lead 9xxx-xx-xx u for rf graph performance, see rf graphs section of the reed relay technical & application information note tel: (401) 943.2686 | fax: (401) 942.0920 9201 .020 (0.51) .150 typ. .240 (6.10) 9202 .020 (0.51) .075 typ. .240 (6.10) end views 9201 9202 j-lead 2 gull wing 2 1 3 5 2 4 6 6 lead smd .050 on center .750 on center of gull wing pa ds with co ver 0- 7 max .193 max. (4.9 ) .800 .012 (20.32 .304) .015 rad. (.381 ) .004 .004/-.000 (.101 .101/-.000) .050 .012 (1.2 7. 304) + .176 ma x (4.4) .176 max. (4.4 ) .020 gap (.508 ) .020 (.508 ) . 018 (.457 ) .050 typ . (1.27) c l .670 with co ve r (17.01) indicates pin #1 side metal cover (magnetic shield) pin #1 .670 (17.01) .020 (0.51) indicates pin #1 side 9290-xx-xx co to da te code metal cover .670 (17.01) .020 (5.08) indicates pin #1 side .900 (22.86) .240 (6.10) .020 (0.51) .750 (19.04) max. 9290 top view 9290 end view model 9290 model 9200 .700 .190 .010 (4.83) (0.25) (17.78) .090 .180 (2.29) (4.57) .010 ty p (0.25) (6.35) (19.05) .250 .750 .240 .075 ty p (1.90) (6.10) 1 5 3 2 6 4 .020 ty p (0.51) .900 .050 ty p (1.27) (22.86) .190 .010 (4.83) (0.25) .800 .130 ty p (3.30) (20.32) .180 (4.57) .193 max. (4.9) .800 .012 (20.32 .304) .050r (1.27) .208 (5.28) 45o .600 (15.24) .720 (18.28) .050 .012 (1.27 .304) .010 (0.254) 0o - 7o ma x .193 max. (4.9) .800 .012 (20.32 .304) .050r (1.27) .208 (5.28) 45o .600 (15.24) .720 (18.28) .050 .012 (1.27 .304) .010 (0.254) 0o - 7o ma x 13112013 1 3 5 2 4 6 6 lead smd .050 on center .750 on center of gull wing pa ds with co ver 0- 7 max .193 max. (4.9 ) .800 .012 (20.32 .304) .015 rad. (.381 ) .004 .004/-.000 (.101 .101/-.000) .050 .012 (1.2 7. 304) + .176 ma x (4.4) .176 max. (4.4 ) .020 gap (.508 ) .020 (.508 ) . 018 (.457 ) .050 typ . (1.27) c l .670 with co ve r (17.01) indicates pin #1 side metal cover (magnetic shield) pin #1 .670 (17.01) .020 (0.51) indicates pin #1 side 9290-xx-xx co to da te code metal cover .670 (17.01) .020 (5.08) indicates pin #1 side .900 (22.86) .240 (6.10) .020 (0.51) .750 (19.04) max.
notes: 1 consult factory for life expectancy at other switching loads. 2 surface mount component processing temperature: 500f / 260c max for 1 min - ute dwell time. temperature measured on leads where lead exits molded package. environmental ratings: storage temp: -35c to + 100c; operating temp: -20c to + 85c all electrical parameters measured at 25c unless otherwise specifed. vibration: 20 gs to 2000 hz; shock: 50 gs coto technology, inc. for most recent data visit www.cotorelay.com model number 9201 9202 9290 parameters test conditions units 1 form a 1 form a 50 coaxial 1 form a 50 coaxial coil specs. nom. coil voltage vdc 5 12 5 12 5 12 max. coil voltage vdc 6.5 15.0 6.5 15.0 6.5 15.0 coil resistance +/- 10%, 25 c 250 650 150 650 160 600 operate voltage must operate by vdc - max. 3.75 9.0 3.75 9.0 3.75 9.0 release voltage must release by vdc - min. 0.4 1.0 0.4 1.0 0.4 1.0 contact ratings switching voltage max dc/peak ac resist. volts 200 200 200 switching current max dc/peak ac resist. amps 0.5 0.5 0.5 carry current max dc/peak ac resist. amps 1.5 1.5 1.5 contact rating max dc/peak ac resist. watts 10 10 10 life expectancy-typical 1 signal level 1.0v, 10ma x 10 6 ops. 1000 1000 1000 static contact resistance (max. init.) 50mv, 10ma 0.150 0.150 0.150 dynamic contact resistance (max. init.) 0.5v, 50ma at 100 hz, 1.5 msec 0.200 0.200 0.200 relay specifications insulation resistance (minimum) between all isolated pins at 100v, 25c, 40% rh 10 12 10 12 10 12 capacitance - typical across open contacts no shield shield floating shield guarding pf pf pf 0.7 - - - 0.8 0.1 - 1.0 0.2 open contact to coil no shield shield floating shield guarding pf pf pf 1.4 - - - 1.4 0.2 - 2.0 0.4 contact to coil contacts open, shield floating pf - 1.4 2 dielectric strength (minimum) between contacts contacts to shield contacts/shield to coil vdc/peak ac vdc/peak ac vdc/peak ac 300 - 1500 300 1500 1500 250 500 500 operate time - including bounce - typical at nominal coil voltage, 30 hz square wave msec. 0.40 0.40 0.40 release time - typical msec. 0.10 0.10 0.10 top view: dot stamped on top of relay refers to pin #1 location 2 4 1 3 6 5 2 4 1 3 24 6 13 5 13112013


▲Up To Search▲   

 
Price & Availability of 9200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X